Part Number Hot Search : 
83CSA 480515T SI8261 LT1175CT SB30W03Z SAA7367 SMCJ150 IMB4A
Product Description
Full Text Search
 

To Download B32620-A682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  117 12/00 mkp stacked-film capacitors smallest possible dimensions construction dielectric: polypropylene stacked-film technology plastic case (ul 94 v-0) epoxy resin sealing features very high pulse strength very good self-healing properties smallest possible dimensions high contact reliability typical applications energy-saving lamps tv s-correction high pulse load applications ac applications terminals parallel wire leads, tinned also available with (3,2 0,3) mm lead length marking manufacturer?s logo, lot number, style and type (p621) for lead spacing 10 mm, style (mkp) for lead spacing 7,5 mm, rated capacitance (coded), capacitance tolerance (code letter), rated dc voltage, date of manufacture (coded) delivery mode bulk (untaped) taped (ammo pack or reel) for notes on taping, refer to chapter ?taping and packing?, page 274 . dimensions in mm lead spacing 0,4 diameter d 1 type 7,5 0,5 b 32 620 10 0,5 1) /0,6 b 32 621 1) 0,5 mm for capacitor width b = 4 mm b32620 metallized polypropylene film capacitors (mkp) b32621 plastic case
118 12/00 mkp overview of available types lead spacing 7,5 mm 10 mm type b 32 620 b 32 621 page 119 121 0,47 nf 1000 vdc 600 vac 0,68 nf 1,0 nf 1,5 nf 630 vdc 400 vac 1000 vdc 500 vac 2,2 nf 250 vdc 140 vac 630 vdc 400 vac 1000 vdc 500 vac 3,3 nf 4,7 nf 6,8 nf 400 vdc 200 vac 10 nf 400 vdc 200 vac 15 nf 22 nf 160 vdc 90 vac 250 vdc 140 vac 33 nf 47 nf 160 vdc 90 vac 68 nf 0,10 f 0,15 f 0,22 f b 32 621 b 32 620
119 12/00 mkp ordering codes and packing units, lead spacing 7,5 mm v r ( v rms f 1 khz) c r maximum dimensions b h l (mm) ordering code 1) packing units (pcs) ammo pack reel untaped 160 vdc (90 vac) 22 nf 3,0 8,0 10,0 b32620-a5223-+ *** 2600 2400 2000 33 nf 4,0 8,5 10,0 b32620-a5333-+ *** 2000 1800 1500 47 nf 4,0 8,5 10,0 b32620-a5473-+ *** 2000 1800 1500 68 nf 5,0 10,5 10,0 b32620-a5683-+ *** 1600 1400 1000 0,10 f5,0 10,5 10,0 b32620-a5104-+ *** 1600 1400 1000 0,15 f6,0 12,0 10,3 b32620-a5154-+ *** 1300 1100 750 250 vdc (140 vac) 22 nf 4,0 8,5 10,0 b32620-a3223-+ *** 2000 1800 1500 33 nf 4,0 8,5 10,0 b32620-a3333-+ *** 2000 1800 1500 47 nf 5,0 10,5 10,0 b32620-a3473-+ *** 1600 1400 1000 68 nf 5,0 10,5 10,0 b32620-a3683-+ *** 1600 1400 1000 0,10 f6,0 12,0 10,3 b32620-a3104-+ *** 1300 1100 750 400 vdc (200 vac) 6,8 nf 4,0 8,5 10,0 b32620-a4682-+ *** 2000 1800 1500 10 nf 4,0 8,5 10,0 b32620-a4103-+ *** 2000 1800 1500 15 nf 5,0 10,5 10,0 b32620-a4153-+ *** 1600 1400 1000 22 nf 5,0 10,5 10,0 b32620-a4223-+ *** 1600 1400 1000 33 nf 6,0 12,0 10,3 b32620-a4333-+ *** 1300 1100 750 630 vdc (400 vac) 1,5 nf 4,0 8,5 10,0 b32620-a6152-+ *** 2000 1800 1500 2,2 nf 4,0 8,5 10,0 b32620-a6222-+ *** 2000 1800 1500 3,3 nf 4,0 8,5 10,0 b32620-a6332-+ *** 2000 1800 1500 4,7 nf 4,0 8,5 10,0 b32620-a6472-+ *** 2000 1800 1500 6,8 nf 5,0 10,5 10,0 b32620-a6682-+ *** 1600 1400 1000 10 nf 5,0 10,5 10,0 b32620-a6103-+ *** 1600 1400 1000 15 nf 6,0 12,0 10,3 b32620-a6153-+ *** 1300 1100 750 1) + code letter for capacitance tolerance *** code number for packing: ammo pack = 289, reel = 189 the ordering code for untaped components ends after the tolerance code letter. for capacitors with 3,2 mm lead length, append code number ?3? to the tolerance code, e.g.: b32620-a5104-k3 capacitance tolerance: 20 % = ? m, 10 % = ? k, 5 % = ? j b32620 7,5
120 12/00 mkp capacitance tolerance: 20 % = ? m, 10 % = ? k, 5 % = ? j 1000 vdc (500 vac) 1,5 nf 4,0 8,5 10,0 b32620-a152-+ *** 2000 1800 1500 2,2 nf 4,0 8,5 10,0 b32620-a222-+ *** 2000 1800 1500 3,3 nf 5,0 10,5 10,0 b32620-a332-+ *** 1600 1400 1000 4,7 nf 5,0 10,5 10,0 b32620-a472-+ *** 1600 1400 1000 6,8 nf 6,0 12,0 10,3 B32620-A682-+ *** 1300 1100 750 1000 vdc (600 vac) 470 pf 4,0 8,5 10,0 b32620-j471-+ *** 2000 1800 1500 680 pf 5,0 10,5 10,0 b32620-j681-+ *** 1600 1400 1000 1,0 nf 5,0 10,5 10,0 b32620-j102-+ *** 1600 1400 1000 1,5 nf 5,0 10,5 10,0 b32620-j152-+ *** 1600 1400 1000 2,2 nf 5,0 10,5 10,0 b32620-j222-+ *** 1600 1400 1000 3,3 nf 5,0 10,5 10,0 b32620-j332-+ *** 1600 1400 1000 4,7 nf 6,0 12,0 10,3 b32620-j472-+ *** 1300 1100 750 ordering codes and packing units, lead spacing 7,5 mm v r ( v rms f 1 khz) c r maximum dimensions b h l (mm) ordering code 1) packing units (pcs) ammo pack reel untaped 1) + code letter for capacitance tolerance *** code number for packing: ammo pack = 289, reel = 189 the ordering code for untaped components ends after the tolerance code letter. for capacitors with 3,2 mm lead length, append code number ?3? to the tolerance code, e.g.: b32620-a152-k3 b32620 7,5
121 12/00 mkp capacitance tolerance: 20 % = ? m, 10 % = ? k, 5 % = ? j ordering codes and packing units, lead spacing 10 mm v r ( v rms f 1 khz) c r maximum dimensions b h l (mm) ordering code 1) packing units (pcs) ammo pack reel untaped 160 vdc (90 vac) 47 nf 4,0 7,0 13,0 b32621-a5473-+ *** 1000 1700 1000 68 nf 4,0 9,0 13,0 b32621-a5683-+ *** 1000 1700 1000 0,10 f5,0 11,0 13,0 b32621-a5104-+ *** 830 1300 1000 0,15 f5,0 11,0 13,0 b32621-a5154-+ *** 830 1300 1000 0,22 f6,0 12,0 13,0 b32621-a5224-+ *** 680 1100 1000 250 vdc (140 vac) 2,2 nf 4,0 7,0 13,0 b32621-a3222-+ *** 1000 1700 1000 3,3 nf 4,0 9,0 13,0 b32621-a3332-+ *** 1000 1700 1000 4,7 nf 4,0 9,0 13,0 b32621-a3472-+ *** 1000 1700 1000 6,8 nf 4,0 9,0 13,0 b32621-a3682-+ *** 1000 1700 1000 10 nf 4,0 9,0 13,0 b32621-a3103-+ *** 1000 1700 1000 15 nf 4,0 9,0 13,0 b32621-a3153-+ *** 1000 1700 1000 22 nf 4,0 9,0 13,0 b32621-a3223-+ *** 1000 1700 1000 33 nf 4,0 9,0 13,0 b32621-a3333-+ *** 1000 1700 1000 47 nf 4,0 9,0 13,0 b32621-a3473-+ *** 1000 1700 1000 68 nf 5,0 11,0 13,0 b32621-a3683-+ *** 830 1300 1000 0,10 f6,0 12,0 13,0 b32621-a3104-+ *** 680 1100 1000 400 vdc (200 vac) 10 nf 4,0 9,0 13,0 b32621-a4103-+ *** 1000 1700 1000 15 nf 4,0 9,0 13,0 b32621-a4153-+ *** 1000 1700 1000 22 nf 5,0 11,0 13,0 b32621-a4223-+ *** 830 1300 1000 33 nf 5,0 11,0 13,0 b32621-a4333-+ *** 830 1300 1000 47 nf 6,0 12,0 13,0 b32621-a4473-+ *** 680 1100 1000 630 vdc (400 vac) 2,2 nf 4,0 7,0 13,0 b32621-a6222-+ *** 1000 1700 1000 3,3 nf 4,0 9,0 13,0 b32621-a6332-+ *** 1000 1700 1000 4,7 nf 4,0 9,0 13,0 b32621-a6472-+ *** 1000 1700 1000 6,8 nf 4,0 9,0 13,0 b32621-a6682-+ *** 1000 1700 1000 10 nf 4,0 9,0 13,0 b32621-a6103-+ *** 1000 1700 1000 15 nf 5,0 11,0 13,0 b32621-a6153-+ *** 830 1300 1000 22 nf 6,0 12,0 13,0 b32621-a6223-+ *** 680 1100 1000 33 nf 6,0 12,0 13,0 b32621-a6333-+ *** 680 1100 1000 1000 vdc (500 vac) 2,2 nf 4,0 7,0 13,0 b32621-a222-+ *** 1000 1700 1000 3,3 nf 4,0 9,0 13,0 b32621-a332-+ *** 1000 1700 1000 4,7 nf 4,0 9,0 13,0 b32621-a472-+ *** 1000 1700 1000 6,8 nf 5,0 11,0 13,0 b32621-a682-+ *** 830 1300 1000 10 nf 6,0 12,0 13,0 b32621-a103-+ *** 680 1100 1000 1) + code letter for capacitance tolerance *** code number for packing: ammo pack = 289, reel = 189 the ordering code for untaped components ends after the tolerance code letter. for capacitors with 3,2 mm lead length, append code number ?3? to the tolerance code, e.g.: b32621-a5473-k3 b32621 10
122 12/00 mkp technical data climatic category in accordance with iec 60068-1 55/100/56 lower category temperature t min upper category temperature t max ? 55 c + 100 c damp heat test 56 days/40 c/93 % relative humidity limit values after damp heat test capacitance change | ? c / c | 3 % dissipation factor change ? tan 0,5 ? 10 ? 3 (at 1 khz) 1,0 ? 10 ? 3 (at 10 khz) insulation resistance r is 50 % of minimum as-delivered values reliability: reference conditions failure rate 0,5 ? v r ; 40 c 1 ? 10 ? 9 /h = 1 fit for a conversion table for other operating conditions and tem- peratures, refer to chapter ?quality assurance?, page 327 . service life 200 000 h failure criteria: total failure failure due to variation of parameters short circuit or open circuit capacitance change | ? c / c | > 10 % dissipation factor tan 4 ? upper limit values insulation resistance r is < 1500 m ? dc test voltage 1,6 ? v r , 2 s category voltage v c operation with dc voltage or ac voltage v rms up to 1 khz t 85 c: v c = 1,0 ? v r or 1,0 ? v rms t = 100 c: v c = 0,7 ? v r or 0,7 ? v rms dissipation factor tan (in 10 ? 3 ) at 20 c (upper limit values) insulation resistance r is or time constant = c r ? r is at 20 c, rel. humidity 65 % (minimum as-delivered values) 100 g ? c r 0,1 f0,1 f < c r 0,22 f at 1 khz ? 1,0 10 khz ? 1,5 100 khz 4,0 ? b 32 621 b 32 620
123 12/00 mkp pulse handling capability maximum permissible voltage change per unit of time for non-sinusoidal voltages (pulse, sawtooth) for v pp < v r , the permissible voltage rise rate value v pp / may be multiplied by the factor v r / v pp . also refer to the calculation example in chapter ?general technical information?, page 302 . impedance z versus frequency f (typical values) v r max. rate of voltage rise v pp / in v/ s (for v pp = v r ) lead spacing 7,5 mm 10 mm 160 vdc 750 600 250 vdc 1200 900 400 vdc 1500 1050 630 vdc 2700 1800 1000 vdc (500 vac) 3200 2400 1000 vdc (600 vac) 4000 ? v r pulse characteristic k 0 in v 2 / s (for v pp v r ) lead spacing 7,5 mm 10 mm 160 vdc 240 000 190 000 250 vdc 600 000 450 000 400 vdc 1 200 000 840 000 630 vdc 3 400 000 2 250 000 1000 vdc (500 vac) 6 400 000 4 800 000 1000 vdc (600 vac) 8 000 000 ? z kmk0680-7 f 4 10 10 4 ? 5 10 5 510 6 510 7 hz 10 8 3 10 5 2 10 5 1 10 m 0,22 ? 0,10 ? 33 nf 10 nf 2,2 nf 1,5 nf 0,47 nf b32621 b32620
124 12/00 mkp permissible ac voltage v rms versus frequency f lead spacing 7,5 mm 160 vdc / 90 vac 250 vdc / 140 vac 400 vdc / 200 vac 630 vdc / 400 vac kmk0744-h 10 v rms f 50 100 1000 500 hz 6 10 5 10 4 10 3 10 2 10 0,15 ? 0,1 ? 22 nf v ac kmk0550-e v rms f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 ac v 1000 22 nf 0,10 ? kmk0554-c f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 1000 v ac v rms 6,8 nf 15 nf 33 nf kmk0553-4 f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 1000 v ac v rms 3,3 nf 6,8 nf 15 nf 1,5 nf b32620 7,5
125 12/00 mkp permissible ac voltage v rms versus frequency f lead spacing 7,5 mm 1000 vdc/ 500 vac 1000 vdc/ 600 vac kmk0560-l v rms f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 ac v 1000 1,5 nf 6,8 nf kmk0651-t v rms f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 vac 1000 2,2 nf 4,7 nf 1,0 nf 0,47 nf b32620 7,5
126 12/00 mkp permissible ac voltage v rms versus frequency f lead spacing 10 mm 160 vdc / 90 vac 250 vdc / 140 vac 400 vdc / 200 vac 630 vdc / 400 vac folgt fol kmk0715-4 1 v rms 10 2 f 10 3 10 4 10 5 10 6 hz 2 4 6 10 100 60 40 20 200 400 vac 0,10 ? 47 nf 0,22 ? kmk0716-c 1 v rms 10 2 f 10 3 10 4 10 5 10 6 hz 2 4 6 10 100 60 40 20 200 400 vac 15 nf 2,2 nf 0,10 ? kmk0552-v f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 1000 v ac v rms 10 nf 47 nf kmk0703-f v rms f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 ac v 1000 15 nf 33 nf 2,2 nf b32621 10
127 12/00 mkp permissible ac voltage v rms versus frequency f lead spacing 10 mm 1000 vdc / 500 vac kmk0551-m f hz 5 10 4 10 3 10 2 10 10 6 10 50 100 500 1000 v ac v rms 2,2 nf 10 nf vac b32621 10
128 12/00 mkp sinus-wave application, lighting permissible voltage and current / waveform kmk0721-d pp v v 0-p pp i = 10 ... 63,5 ? t b 32 621 b 32 620
129 12/00 mkp sinus-wave application, lighting permissible current i pp versus rated capacaitance c r lead spacing 7,5 mm 160 vdc/90 vac 250 vdc/140 vac 400 vdc/200 vac 630 vdc/400 vac 0 kmk0681-f c nf 050 100 150 a pp i pp 100 khz 50 khz 0,05 0,1 0,15 0,2 0,25 0,3 0,4 0 kmk0640-d c a pp i nf 50 khz pp 0204060 80 100 khz 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 0 kmk0641-l c a pp i nf 50 khz pp 01020 30 40 100 khz 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0 kmk0642-u c a pp i nf 50 khz pp 0 0,1 0,2 0,3 0,4 0,5 0,6 510 15 20 100 khz b32620 7,5
130 12/00 mkp sinus-wave application, lighting permissible current i pp versus rated capacaitance c r lead spacing 7,5 mm lead spacing 10 mm 1000 vdc/500 vac 1000 vdc/600 vac 160 vdc/90 vac 250 vdc/140 vac 0 kmk0643-3 c a pp i nf 50 khz pp 1234 5 100 khz 0,05 0,1 0,15 0,2 0,3 0 kmk0644-b c a pp i nf 50 khz pp 1234 5 100 khz 0,05 0,1 0,15 0,2 0,25 0,3 0,4 0 kmk0653-a c 50 khz 0 100 khz 50 100 150 200 250 nf a pp pp i 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0 kmk0654-i c nf 50 khz 0 100 khz 50 100 150 0,1 0,2 0,3 0,4 0,5 0,6 a pp pp i b32621 b32620 7,5 10
131 12/00 mkp sinus-wave application, lighting permissible current i pp versus rated capacaitance c r lead spacing 10 mm 400 vdc/200 vac 630 vdc/400 vac 1000 vdc/500 vac 0 kmk0645-j c a pp i nf 50 khz pp 0 100 khz 10 20 30 40 50 0,2 0,4 0,6 0,8 1,0 1,2 1,4 0 kmk0655-f c nf 50 khz 0 100 khz 10 20 30 0,1 0,2 0,3 0,4 i pp pp a 0 kmk0646-s c a pp i nf 50 khz pp 0 0,1 0,2 0,3 0,4 0,5 0,6 100 khz 2 468 10 12 b32621 10
1 herausgegeben von epcos ag marketing kommunikation, postfach 80 17 09, 81617 mnchen, deutschland ? epcos ag 2000. alle rechte vorbehalten. vervielf ? ltigung, ver ? ffentlichung, verbreitung und verwertung dieser brosch re und ihres inhalts ohne ausdr ckliche genehmigung der epcos ag nicht gestattet. mit den angaben in dieser brosch re werden die bauelemente spezifiziert, keine eigenschaften zugesichert. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen f r erzeugnisse und leistungen der elektroindustrie, soweit nichts anderes vereinbart wird. diese brosch re ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm ? glichkeiten richten sie bitte an den ihnen n ? chstgele- genen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k ? nnen aufgrund technischer erfordernisse gefahrstoffe enthalten. ausk nfte dar ber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust ? ndige vertriebsge- sellschaft einzuholen. published by epcos ag marketing communications, p.o. box 80 17 09, 81617 munich, germany ? epcos ag 2000. all rights reserved. reproduction, publication and dissemination of this bro- chure and the information contained therein without epcos ? prior express consent is prohibited. the information contained in this brochure describes the type of component and shall not be con- sidered as guaranteed characteristics. purchase orders are subject to the general conditions for the supply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and electronic manufacturers ? association), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representatives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B32620-A682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X